Part Number Hot Search : 
561KD10 8201XA ELM304P E4001 9128M00 XXXXXBG UMA70CA YDW20
Product Description
Full Text Search
 

To Download 24PC0350DSMT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 24PC SMT Series (psi)
Unamplified, uncompensated pressure sensors
FEATURES * 0...1 to 0...15 psi gage or differential * High impedance bridge * True surface mount miniature package * Usable for wet/wet applications8
SERVICE
All media compatible with port 1: - polyphtalamide - silver-filled silicone - silicon nitride - polyphtalamide - fluor-silicone - silicon
Scale: 1 cm 1/2 inch
port 2:
SPECIFICATIONS
Maximum ratings Supply voltage Temperature limits Storage Operating Lead temperature (10 sec. soldering) Humidity limits Vibration (0 to 2000 Hz) (qualification tested) Mechanical shock (qualification tested) Proof pressure1 24PC0070DSMT 24PC0350DSMT 24PC1000DSMT 12 V -55 to +100C -40 to +85C 260C 0...100 %RH 20 g sine 50 g 20 psi 20 psi 45 psi
ELECTRICAL CONNECTION
Vs 1
4
-
Output 2 3 +
January 2004 / 605
1/4
www.sensortechnics.com
24PC SMT Series (psi)
Unamplified, uncompensated pressure sensors
PRESSURE SENSOR CHARACTERISTICS
Vs = 10.0 0.01 V, tamb = 20C (unless otherwise noted)
Listing
24PC01SMT 24PC05SMT 24PC15SMT
Order number
24PC0070DSMT 24PC0350DSMT 24PC1000DSMT
Operating pressure
0 - 1 psi (69 mbar) 0 - 5 psi (345 mbar ) 0 - 15 psi (1034 mbar)
Full-scale span2 Min. Typ. Max.
30 mV 85 mV 165 mV 45 mV 115 mV 225 mV 60 mV 145 mV 285 mV
COMMON PERFORMANCE CHARACTERISTICS
Vs = 10.0 0.01 V, tamb = 25C (unless otherwise noted)
Characteristics
Zero pressure offset Temperature effects (0 - 50C)
4
Min.
-30 Offset Span
4
Typ.
2.0 -2000 +2200 0.25 0.15 0.5
Max.
+30
Unit
mV ppm/C
Temperature effects on bridge impedance Linearity (P2 > P1, BSL)3 Repeatability and hysteresis Long term stability7 Input impedance Output impedance Response time6
5
% sp a n 6.0 6.0 1.0
4.0 4.0
5.0 5.0
k ms
Specification notes:
1. The maximum specified pressure which may be applied to the sensor without causing a permanent change in the output characteristics. 2. Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span is ratiometric to the supply voltage. 3. Linearity (BSL), the deviation of measured output at constant temperature (25C) from "Best Straight Line" determined by three points, offset pressure, full-scale pressure and half full-scale pressure.
- Voffset V [ V1/2 full scale - { (full full scale pressure) scale
x (1/2 full scale pressure) + Voffset }] : 2 (Vfull scale) x 100 %
where: V = measured value for each device
4. Error band of the offset voltage, span or bridge impedance in the specified temperature range, relative to the 25C reading. 5. Repeatability, the deviation in output readings for successive application of any given input pressure (all other conditions remaining constant. Hysteresis, the error defined by the deviation in output signal obtained when a specific pressure point is approached first with increasing pressure, then with decreasing pressure or vice versa (all other conditions remaining constant). 6. Response time for 0 to full-scale pressure step change, readings taken at 10 % and 90 % of full-scale pressure. 7. Long term stability of offset and span over a period over one year. 8. The sensors might be used on both ports, for media compatible with the components, specified under "Service" (page 1).
2/4
January 2004 / 605
www.sensortechnics.com
24PC SMT Series (psi)
Unamplified, uncompensated pressure sensors
OUTLINE DRAWING
mass: 0.5 g
dimensions in mm (inches)
January 2004 / 605
3/4
www.sensortechnics.com
24PC SMT Series (psi)
Unamplified, uncompensated pressure sensors
SUGGESTED LAND PATTERN
dimensions in mm (inches)
ORDERING INFORMATION
2
24PC series non compensated Pressure range 0070: 0 - 1 psi (69 mbar) 0350: 0 - 5 psi (345 mbar) 1000: 0 - 15 psi (1034 mbar)
4
PC
xxxx
D
SMT
SMT package Differential pressure
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
4/4
January 2004 / 605
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of 24PC0350DSMT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X